|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PLL0210A 9939 Via Pasar * San Diego, CA 92126 TEL (858) 621-2700 FAX (858) 621-2722 PHASE LOCKED LOOP Rev A2 PHASE NOISE (1 Hz BW, typical) FEATURES * Frequency Range: 200 - 230 MHz * Step Size: 100 KHz * PLL - Style Package APPLICATIONS * Telecommunications * Satellite * Telemetry PERFORMANCE SPECIFICATIONS Frequency Range RMS Phase Error (100 Hz - 100 KHz) Harmonic Suppression (2nd, typ.) Sideband Spurs (typ.) Power Output Load Impedance Step Size Charge Pump Output Current Switching Speed (typ., adjacent channel) Startup Lock Time (typ.) Operating Temperature Range Package Style VALUE 200 - 230 0.5 -10 -65 3.52.5 50 100 LOW 1 5 -40 to +85 PLL UNITS MHz dBc dBc dBm KHz mSec mSec C POWER SUPPLY REQUIREMENTS Supply Voltage (Vcc, nom.) Supply Current (Icc, typ.) 5 25 APPLICATION NOTES Vdc mA All specifications are typical unless otherwise noted and subject to change without notice. * AN-107 : How to Solder Z-COMM VCOs / PLLs * AN-200 : Mounting and Grounding of Z-COMM PLLs * AN-201 : PLL Fundamentals AN-202 : PLL Functional Description NOTES: Reference Oscillator Signal: 5 MHz Page 1 All rights reserved LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP PLL OUTPUT SPECTRUM 0 -10 -20 -30 PLL0210A PAGE 2 POWER -40 -50 -60 -70 -80 -90 -100 -5 -4 -3 -2 -1 210 MHz +1 +2 +3 +4 +5 FREQUENCY OFFSET (KHz) POWER CURVE, typ. 14 12 10 8 6 4 2 0 -2 -4 200 204 208 212 216 220 224 228 232 236 240 25 c PHYSICAL DIMENSIONS SIDE VIEW BOTTOM VIEW TOP VIEW (c) Z-Communications, Inc. Page 2 Printed in the U.S.A. |
Price & Availability of PLL0210A |